Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GWKAFHB6.CM-RPRS-35S3 Fiches technique(PDF) 3 Page - ams AG

No de pièce GWKAFHB6.CM-RPRS-35S3
Description  The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

GWKAFHB6.CM-RPRS-35S3 Fiches technique(HTML) 3 Page - ams AG

  GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 1Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 2Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 3Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 4Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 5Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 6Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 7Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 8Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
GW KAFHB6.CM
DATASHEET
DATASHEET
3 | Version 1.4 | 2023-07-11
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 270 mA
Φ
V
GW KAFHB6.CM-QURR-27S3
2700 K
1042 ... 1400 lm
Q65112A9642
GW KAFHB6.CM-RPRR-30S3
3000 K
1120 ... 1400 lm
Q65113A0337
GW KAFHB6.CM-RPRS-35S3
3500 K
1120 ... 1500 lm
Q65113A0334
GW KAFHB6.CM-RPRS-40S3
4000 K
1120 ... 1500 lm
Q65113A0336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20