Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8387JSVZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8387JSVZ
Description  High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8387JSVZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8387JSVZ Datasheet HTML 6Page - Analog Devices AD8387JSVZ Datasheet HTML 7Page - Analog Devices AD8387JSVZ Datasheet HTML 8Page - Analog Devices AD8387JSVZ Datasheet HTML 9Page - Analog Devices AD8387JSVZ Datasheet HTML 10Page - Analog Devices AD8387JSVZ Datasheet HTML 11Page - Analog Devices AD8387JSVZ Datasheet HTML 12Page - Analog Devices AD8387JSVZ Datasheet HTML 13Page - Analog Devices AD8387JSVZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8387
Rev. 0 | Page 10 of 16
DUAL DATA BUS CONFIGURATION, DSW = HIGH
VID0
VID1
VID2
VID3
VID4
VID5
VID6
VID7
VID8
VID9
VID10
VID11
CHANNEL 0
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
CHANNEL 5
CHANNEL 6
CHANNEL 7
CHANNEL 8
CHANNEL 9
CHANNEL 10
CHANNEL 11
DBB(0:11)
DBA(0:11)
CLK
XFR
R/L
INV
DB(0:11)
DA(0:11)
CLK
XFR
R/L
INV
VRH
ISW
VRL
DSW
12-CHANNEL
LCD
AD8387
IMAGE
PROCESSOR
÷2
PIXEL
CLK
12
12
DVCC
REFERENCES
VRH
VRL
Figure 13. AD8387 in Dual Data Bus System
2
3
6
4
7
5
10
8
11
9
14
15
18
16
19
17
22
23
24
25
20
21
DBA(0:11)
DBB(0:11)
CLK
XFR
R/L
PIXEL CLK
12
0
–12
VID0
13
1
–11
VID1
14
2
–10
VID2
15
3
–9
VID3
16
4
–8
VID4
17
5
–7
VID5
18
6
–6
VID6
19
7
–5
VID7
20
8
–4
VID8
21
9
–3
VID9
22
10
–2
VID10
23
11
–1
VID11
–2
12
0
–1
13
1
LEFT
2
3
6
4
7
5
10
8
11
9
14
15
18
16
19
17
22
23
24
25
20
21
DBA(0:11)
DBB(0:11)
CLK
XFR
R/L
PIXEL CLK
23
11
–1
VID0
22
10
–2
VID1
21
9
–3
VID2
20
8
–4
VID3
19
7
–5
VID4
18
6
–6
VID5
17
5
–7
VID6
16
4
–8
VID7
15
3
–9
VID8
14
2
–10
VID9
13
1
–11
VID10
12
0
–12
VID11
–1
13
1
RIGHT
–2
0
12
Figure 14. AD8387 in Dual Data Bus Configuration Scanning Left-to-Right and Right-to-Left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16