| Moteur de recherche de fiches techniques de composants électroniques |
|
4LS5K Fiches technique(PDF) 72 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
4LS5K Fiches technique(HTML) 72 Page - ams AG |
|
72 / 115 page ![]() Document Feedback 4LS Register Description Datasheet • PUBLIC DS000542 • v3-01 • 2022-Nov-17 114 │ 71 9.1.17 Training Sequence 2 Line 1 Register (Address 0x10) Figure 115: TSQ2L1Reg Address: 0x10 Default Value: 0xFF Access: Read/Write Bit Bit Name Default Bit Description 7:0 Training sequence 2 11111111b Defines the 8 MSBs for word B training sequence sent over the LVDS driver of Line 1 for FPGA synchronization purposes. 9.1.18 Training Sequence 3 Line 1 Register (Address 0x11) Figure 116: TSQ3L1Reg Address: 0x11 Default Value: 0xA9 Access: Read/Write Bit Bit Name Default Bit Description 7:0 Training sequence 3 10101001b Defines the LSBs for word A and B training sequence sent over the LVDS driver of Line 1 for FPGA synchronization purposes. 9.1.19 Test Data Serializer Line 1 Register (Address 0x12) Figure 117: TDSL1Reg Address: 0x12 Default Value: 0x40 Access: Read/Write Bit Bit Name Default Bit Description 7:0 Training test data 01000000b When the sensor is in training mode, defines the data pattern to test the serialization / LVDS data output blocks for Line 1. The register value is concatenated with 0x0A (LSB), getting a 12-bit word. For 12-bit mode, test data is the full 12-bit word. For 8-bit mode, the 2 MSB and 2 LSB are discarded to get a 8-bit test data word. |