| Moteur de recherche de fiches techniques de composants électroniques |
|
4LS10K Fiches technique(PDF) 75 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
4LS10K Fiches technique(HTML) 75 Page - ams AG |
|
75 / 115 page ![]() Document Feedback 4LS Register Description Datasheet • PUBLIC DS000542 • v3-01 • 2022-Nov-17 114 │ 74 9.1.26 Start Region of Interest Register (Address 0x19) Figure 124: SROIReg Address: 0x19 Default Value: 0x00 Access: Read/Write Bit Bit Name Default Bit Description 7:0 ROIStart (1) 00000000b Defines the start address for the region to be read. (1) Applicable for 4LS5K. Register related to Region of Interest (ROI) feature on Sections 7.11.5 and 9.1.2. Only valid when ROI is active. 9.1.27 End Region of Interest Register (Address 0x1A) Figure 125: EROIReg Address: 0x1A Default Value: 0xA0 Access: Read/Write Bit Bit Name Default Bit Description 7:0 ROIEnd (1) 10100000b Defines the end address for the region to be read. (1) Applicable for 4LS5K. Register related to Region of Interest (ROI) feature on Sections 7.11.5 and 9.1.2. Only valid when ROI is active. 9.1.28 Temperature Sensor Register (Address 0x1B) Figure 126: TEMPReg Address: 0x1B Default Value: 0x00 Access: Read Bit Bit Name Default Bit Description 7:0 Temperature Sensor 00000000b Holds the digital value for the silicon temperature. |