| Moteur de recherche de fiches techniques de composants électroniques |
|
4LS15K Fiches technique(PDF) 36 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
4LS15K Fiches technique(HTML) 36 Page - ams AG |
|
36 / 115 page ![]() Document Feedback 4LS Functional Description Datasheet • PUBLIC DS000542 • v3-01 • 2022-Nov-17 114 │ 35 The output data is provided by the sensor according to the following readout modes, considering a 2K5 segment. Figure 49: 1-To-1 Readout Mode for 12-Bit and 8-Bit Mode TSA TSB D1 D2 D9 D10 D17 D18 D25 D26 D2569 D2570 D3 D4 D11 D12 D19 D20 D27 D28 D2571 D2572 D5 D6 D13 D14 D21 D22 D29 D30 D2573 D2574 D7 D8 D15 D16 D23 D24 D31 D32 D2575 D2576 TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB Data_TAP_#1L1T Data_TAP_#2L1T Data_TAP_#3L1T Data_TAP_#4L1T Data_TAP_#1L2T Data_TAP_#2L2T Data_TAP_#3L2T Data_TAP_#4L2T TSA TSB D1 D2 D9 D10 D17 D18 D25 D26 D2569 D2570 D3 D4 D11 D12 D19 D20 D27 D28 D2571 D2572 D5 D6 D13 D14 D21 D22 D29 D30 D2573 D2574 D7 D8 D15 D16 D23 D24 D31 D32 D2575 D2576 TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB D1 D2 D9 D10 D17 D18 D25 D26 D2569 D2570 D3 D4 D11 D12 D19 D20 D27 D28 D2571 D2572 D5 D6 D13 D14 D21 D22 D29 D30 D2573 D2574 D7 D8 D15 D16 D23 D24 D31 D32 D2575 D2576 TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB Data_TAP_#1L2B Data_TAP_#2L2B Data_TAP_#3L2B Data_TAP_#4L2B Data_TAP_#1L1B Data_TAP_#2L1B Data_TAP_#3L1B Data_TAP_#4L1B TSA TSB D1 D2 D9 D10 D17 D18 D25 D26 D2569 D2570 D3 D4 D11 D12 D19 D20 D27 D28 D2571 D2572 D5 D6 D13 D14 D21 D22 D29 D30 D2573 D2574 D7 D8 D15 D16 D23 D24 D31 D32 D2575 D2576 TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB TSA TSB Valid Training Sequence → 1 x MCLK START_READOUT LVAL TSB + 11 x → 23 words |