| Moteur de recherche de fiches techniques de composants électroniques |
|
P87LPC764FD Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P87LPC764FD Fiches technique(HTML) 8 Page - NXP Semiconductors |
|
8 / 60 page ![]() Philips Semiconductors Product data P87LPC764 Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP 2003 Sep 03 7 SPECIAL FUNCTION REGISTERS Name Description SFR Address Bit Functions and Addresses MSB LSB Reset Value E7 E6 E5 E4 E3 E2 E1 E0 ACC* Accumulator E0h 00h AUXR1# Auxiliary Function Register A2h KBF BOD BOI LPEP SRST 0 – DPS 02h1 F7 F6 F5 F4 F3 F2 F1 F0 B* B register F0h 00h CMP1# Comparator 1 control register ACh – – CE1 CP1 CN1 OE1 CO1 CMF1 00h1 CMP2# Comparator 2 control register ADh – – CE2 CP2 CN2 OE2 CO2 CMF2 00h1 DIVM# CPU clock divide-by-M control 95h 00h DPTR: Data pointer (2 bytes) DPH Data pointer high byte 83h 00h DPL Data pointer low byte 82h 00h CF CE CD CC CB CA C9 C8 I2CFG#* I2C configuration register C8h/RD SLAVEN MASTRQ 0 TIRUN – – CT1 CT0 00h1 C8h/WR SLAVEN MASTRQ CLRTI TIRUN – – CT1 CT0 DF DE DD DC DB DA D9 D8 I2CON#* I2C control register D8h/RD RDAT ATN DRDY ARL STR STP MASTER – 80h1 D8h/WR CXA IDLE CDR CARL CSTR CSTP XSTR XSTP I2DAT# I2C data register D9h/RD RDAT 0 0 0 0 0 0 0 80h D9h/WR XDAT x x x x x x x AF AE AD AC AB AA A9 A8 IEN0* Interrupt enable 0 A8h EA EWD EBO ES ET1 EX1 ET0 EX0 00h EF EE ED EC EB EA E9 E8 IEN1#* Interrupt enable 1 E8h ETI – EC1 – – EC2 EKB EI2 00h1 BF BE BD BC BB BA B9 B8 IP0* Interrupt priority 0 B8h – PWD PBO PS PT1 PX1 PT0 PX0 00h1 IP0H# Interrupt priority 0 high byte B7h – PWDH PBOH PSH PT1H PX1H PT0H PX0H 00h1 FF FE FD FC FB FA F9 F8 IP1* Interrupt priority 1 F8h PTI – PC1 – – PC2 PKB PI2 00h1 IP1H# Interrupt priority 1 high byte F7h PTIH – PC1H – – PC2H PKBH PI2H 00h1 KBI# Keyboard Interrupt 86h 00h 87 86 85 84 83 82 81 80 P0* Port 0 80h T1 CMP1 CMPREF CIN1A CIN1B CIN2A CIN2B CMP2 Note 2 97 96 95 94 93 92 91 90 P1* Port 1 90h (P1.7) (P1.6) RST INT1 INT0 T0 RxD TxD Note 2 A7 A6 A5 A4 A3 A2 A1 A0 P2* Port 2 A0h – – – – – – X1 X2 Note 2 P0M1# Port 0 output mode 1 84h (P0M1.7) (P0M1.6) (P0M1.5) (P0M1.4) (P0M1.3) (P0M1.2) (P0M1.1) (P0M1.0) 00h P0M2# Port 0 output mode 2 85h (P0M2.7) (P0M2.6) (P0M2.5) (P0M2.4) (P0M2.3) (P0M2.2) (P0M2.1) (P0M2.0) 00H P1M1# Port 1 output mode 1 91h (P1M1.7) (P1M1.6) – (P1M1.4) – – (P1M1.1) (P1M1.0) 00h1 P1M2# Port 1 output mode 2 92h (P1M2.7) (P1M2.6) – (P1M2.4) – – (P1M2.1) (P1M2.0) 00h1 P2M1# Port 2 output mode 1 A4h P2S P1S P0S ENCLK T1OE T0OE (P2M1.1) (P2M1.0) 00h P2M2# Port 2 output mode 2 A5h – – – – – – (P2M2.1) (P2M2.0) 00h1 PCON Power control register 87h SMOD1 SMOD0 BOF POF GF1 GF0 PD IDL Note 3 |