| Moteur de recherche de fiches techniques de composants électroniques |
|
74AHC594DB Fiches technique(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74AHC594DB Fiches technique(HTML) 21 Page - NXP Semiconductors |
|
21 / 29 page ![]() 74AHC_AHCT594_1 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 01 — 4 July 2006 21 of 29 Philips Semiconductors 74AHC594; 74AHCT594 8-bit shift register with output register Measurement points are given in Table 10. VOL and VOH are typical voltage output drop that occur with the output load. Fig 12. The set-up time shift reset (SHR) to storage clock (STCP) mbc325 VM tPHL VM trec tW VM STCP input Q n outputs STR input Measurement points are given in Table 10. VOL and VOH are typical voltage output drop that occur with the output load. Fig 13. The shift reset (SHR) pulse width, the shift reset to output (Q7S) propagation delay and the shift reset to shift clock (SHCP) recovery time mbc324 VM tPHL VM trec tW VM SHCP input Q7S output SHR input |