| Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC1G74GS Fiches technique(PDF) 8 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC1G74GS Fiches technique(HTML) 8 Page - Nexperia B.V. All rights reserved |
|
8 / 19 page ![]() Nexperia 74LVC1G74 Single D-type flip-flop with set and reset; positive edge trigger 11.1. Waveforms and test circuit mnb141 th tsu th tPHL tPHL tPLH tPLH tsu 1/fmax tW VM VM VM VI GND VM VI GND CP input D input VOH VOL Q output VOH VOL Q output Measurement points are given in Table 10. The shaded areas indicate when the input is permitted to change for predictable output performance. VOL and VOH are typical output voltage levels that occur with the output load. Fig. 6. The clock input (CP) to output (Q, Q) propagation delays and pulse width, D to CP set-up, CP to D hold times and the maximum frequency 74LVC1G74 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2021. All rights reserved Product data sheet Rev. 15 — 20 September 2021 8 / 19 |