Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6624AS Fiches technique(PDF) 38 Page - Analog Devices

No de pièce AD6624AS
Description  Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD6624AS Fiches technique(HTML) 38 Page - Analog Devices

Back Button AD6624AS Datasheet HTML 32Page - Analog Devices AD6624AS Datasheet HTML 33Page - Analog Devices AD6624AS Datasheet HTML 34Page - Analog Devices AD6624AS Datasheet HTML 35Page - Analog Devices AD6624AS Datasheet HTML 36Page - Analog Devices AD6624AS Datasheet HTML 37Page - Analog Devices AD6624AS Datasheet HTML 38Page - Analog Devices AD6624AS Datasheet HTML 39Page - Analog Devices AD6624AS Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
REV. B
AD6624
–38–
OUTLINE DIMENSIONS
128-Lead Metric Quad Flat Package [MQFP]
(S-128-1)
Dimensions shown in millimeters
TOP VIEW
(PINS DOWN)
1
38
39
65
64
102
128
103
0.27
0.17
0.50
BSC
1.03
0.88
0.73
SEATING
PLANE
3.40
MAX
COPLANARITY
0.10 MAX
0.50
0.25
2.90
2.70
2.50
17.45
17.20
16.95
14.20
14.00
13.80
20.20
20.00
19.80
23.45
23.20
22.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40