| Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7342 Fiches technique(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7342 Fiches technique(HTML) 16 Page - Analog Devices |
|
16 / 88 page ![]() ADV7342/ADV7343 Rev. 0 | Page 16 of 88 Cb Y Cr Y PAL = 264 CLOCK CYCLES NTSC = 244 CLOCK CYCLES Y7 TO Y0* S_VSYNC S_HSYNC *SELECTED BY SUBADDRESS 0x01, BIT 7. Figure 18. SD Input Timing Diagram (Timing Mode 1) t3 t3 t4 t7 t8 t5 SDA SCL t1 t2 t6 Figure 19. MPU Port Timing Diagram (I2C Mode) SPI_SS SCLK MOSI MISO X X X X X X X X X X D7D6 D5D4 D3D2 D1D0 D7 D6 D5 D4 D3 D2 D1 D0 XX X X XX X X t1 t2 t3 t5 t6 t4 t8 t7 Figure 20. MPU Port Timing Diagram (SPI Mode) |