Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5643R Fiches technique(PDF) 28 Page - Analog Devices

No de pièce AD5643R
Description  Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5643R Fiches technique(HTML) 28 Page - Analog Devices

Back Button AD5643R Datasheet HTML 20Page - Analog Devices AD5643R Datasheet HTML 21Page - Analog Devices AD5643R Datasheet HTML 22Page - Analog Devices AD5643R Datasheet HTML 23Page - Analog Devices AD5643R Datasheet HTML 24Page - Analog Devices AD5643R Datasheet HTML 25Page - Analog Devices AD5643R Datasheet HTML 26Page - Analog Devices AD5643R Datasheet HTML 27Page - Analog Devices AD5643R Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
AD5623R/AD5643R/AD5663R
Rev. A | Page 28 of 28
OUTLINE DIMENSIONS
3.00
BSC SQ
INDEX
AREA
TOP VIEW
1.50
BCS SQ
EXPOSED
PAD
(BOTTOM VIEW)
1.74
1.64
1.49
2.48
2.38
2.23
1
6
10
0.50
BSC
0.50
0.40
0.30
5
PIN 1
INDICATOR
0.80
0.75
0.70
0.05 MAX
0.02 NOM
SEATING
PLANE
0.30
0.23
0.18
0.20 REF
0.80 MAX
0.55 TYP
SIDE VIEW
COMPLIANT TO JEDEC STANDARDS MO-187-BA
0.23
0.08
0.80
0.60
0.40
8°
0°
0.15
0.05
0.33
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
PIN 1
COPLANARITY
0.10
3.10
3.00
2.90
3.10
3.00
2.90
5.15
4.90
4.65
Figure 63. 10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm x 3 mm Body, Very Very Thin, Dual Lead
(CP-10-9)
Dimensions shown in millimeters
Figure 64. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Accuracy
Internal
Reference
Package Description
Package
Option
Branding
AD5623RBCPZ-3R21
−40°C to +105°C
±1 LSB INL
1.25 V
10-Lead LFCSP_WD
CP-10-9
D85
AD5623RBCPZ-3REEL71
−40°C to +105°C
±1 LSB INL
1.25 V
10-Lead LFCSP_WD
CP-10-9
D85
AD5623RBRMZ-31
−40°C to +105°C
±1 LSB INL
1.25 V
10-Lead MSOP
RM-10
D85
AD5623RBRMZ-3REEL71
−40°C to +105°C
±1 LSB INL
1.25 V
10-Lead MSOP
RM-10
D85
AD5623RBRMZ-51
−40°C to +105°C
±1 LSB INL
2.5 V
10-Lead MSOP
RM-10
D86
AD5623RBRMZ-5REEL71
−40°C to +105°C
±1 LSB INL
2.5 V
10-Lead MSOP
RM-10
D86
AD5643RBRMZ-31
−40°C to +105°C
±4 LSB INL
1.25 V
10-Lead MSOP
RM-10
D81
AD5643RBRMZ-3REEL71
−40°C to +105°C
±4 LSB INL
1.25 V
10-Lead MSOP
RM-10
D81
AD5643RBRMZ-51
−40°C to +105°C
±4 LSB INL
2.5 V
10-Lead MSOP
RM-10
D7Q
AD5643RBRMZ-5REEL71
−40°C to +105°C
±4 LSB INL
2.5 V
10-Lead MSOP
RM-10
D7Q
AD5663RBCPZ-3R21
−40°C to +105°C
±16 LSB INL
1.25 V
10-Lead LFCSP_WD
CP-10-9
D7S
AD5663RBCPZ-3REEL71
−40°C to +105°C
±16 LSB INL
1.25 V
10-Lead LFCSP_WD
CP-10-9
D7S
AD5663RBRMZ-31
−40°C to +105°C
±16 LSB INL
1.25 V
10-Lead MSOP
RM-10
D7S
AD5663RBRMZ-3REEL71
−40°C to +105°C
±16 LSB INL
1.25 V
10-Lead MSOP
RM-10
D7S
AD5663RBRMZ-51
−40°C to +105°C
±16 LSB INL
2.5 V
10-Lead MSOP
RM-10
D7H
AD5663RBRMZ-5REEL71
−40°C to +105°C
±16 LSB INL
2.5 V
10-Lead MSOP
RM-10
D7H
EVAL-AD5663REB
Evaluation Board
1 Z = Pb-free part.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05858-0-12/06(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com