Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5522JSVUZ Fiches technique(PDF) 44 Page - Analog Devices

No de pièce AD5522JSVUZ
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVUZ Fiches technique(HTML) 44 Page - Analog Devices

Back Button AD5522JSVUZ Datasheet HTML 37Page - Analog Devices AD5522JSVUZ Datasheet HTML 38Page - Analog Devices AD5522JSVUZ Datasheet HTML 39Page - Analog Devices AD5522JSVUZ Datasheet HTML 40Page - Analog Devices AD5522JSVUZ Datasheet HTML 41Page - Analog Devices AD5522JSVUZ Datasheet HTML 42Page - Analog Devices AD5522JSVUZ Datasheet HTML 43Page - Analog Devices AD5522JSVUZ Datasheet HTML 44Page - Analog Devices AD5522JSVUZ Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
AD5522
Preliminary Technical Data
Rev. PrL | Page 44 of 45
ORDERING GUIDE
Model
Function
Package Description1
Package
Options
AD5522JSVDZ2
Quad PMU with 4 internal current ranges, full
comparator function, 1 external current range, SPI and
LVDS serial interfaces.
80 Lead TQFP with exposed pad on bottom
SV-80
AD5522JSVUZError!
Bookmark not defined.
Quad PMU with 4 internal current ranges, full
comparator function, 1 external current range, SPI and
LVDS serial interfaces.
80 Lead TQFP with exposed pad on top
SV-80
AD5523JCPZError!
Bookmark not defined.,3
Quad PMU, 4 internal current ranges, window
comparator function, SPI interface.
64 Lead LFCSP with exposed pad on bottom
9mm x 9mm
CP-64
1 Exposed pad is tied to AVSS.
2 Lead Free.
3 Reduced functionality. Contact factory for AD5523 datasheet and more details..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45