Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5522JSVDZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5522JSVDZ
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 6Page - Analog Devices AD5522JSVDZ Datasheet HTML 7Page - Analog Devices AD5522JSVDZ Datasheet HTML 8Page - Analog Devices AD5522JSVDZ Datasheet HTML 9Page - Analog Devices AD5522JSVDZ Datasheet HTML 10Page - Analog Devices AD5522JSVDZ Datasheet HTML 11Page - Analog Devices AD5522JSVDZ Datasheet HTML 12Page - Analog Devices AD5522JSVDZ Datasheet HTML 13Page - Analog Devices AD5522JSVDZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
AD5522
Preliminary Technical Data
Rev. PrL | Page 10 of 45
SYNC
SYNC
SCLK
SDI
SDI
SCLK
MSB
D28
LSB
D0
t6
t1
t2
t3
t4
t5
SDO
LSB
D0
MSB
D23/D28
t7
SELECTED REGISTER DATA CLOCK OUT
UNDEFINED
MSB
DB23/
DB28
LSB
DB0
SDO
t8
Figure 7. LVDS Read and Write Timing, (Readback word contains 24 bits and can be clocked out with a minimum of 24 clock edges)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45