Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5522 Fiches technique(PDF) 38 Page - Analog Devices

No de pièce AD5522
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5522 Fiches technique(HTML) 38 Page - Analog Devices

Back Button AD5522 Datasheet HTML 34Page - Analog Devices AD5522 Datasheet HTML 35Page - Analog Devices AD5522 Datasheet HTML 36Page - Analog Devices AD5522 Datasheet HTML 37Page - Analog Devices AD5522 Datasheet HTML 38Page - Analog Devices AD5522 Datasheet HTML 39Page - Analog Devices AD5522 Datasheet HTML 40Page - Analog Devices AD5522 Datasheet HTML 41Page - Analog Devices AD5522 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
AD5522
Preliminary Technical Data
Rev. PrL | Page 38 of 45
POWER ON DEFAULT
The power on default for all DAC channels is that the contents of each m register is set to full-scale (0xFFFF) and c register to
midscale(0x8000). The contents of the DAC registers are :
Offset DAC: 0xA492, FIN DACs: 0x8000, CLL DACs: 0x0000, CLH DACs: 0xFFFF, CPL DACs: 0x0000, CPH DACs: 0xFFFF
The power on defaults of the PMU register and the System Control Register are shown below.
Table 28. Power on Default for System Control Register and PMU Register
SYSTEM CONTROL REGISTER POWER ON DEFAULT
PMU REGISTER POWER ON DEFAULT
Bit
Bit name
Description
Bit name
Description
21 (MSB)
CL3
0
CH EN
0
20
CL2
0
FORCE1
0
19
CL1
0
FORCE0
0
18
CL0
0
RESERVED
0
17
CPOLH3
0
C2
0
16
CPOLH2
0
C1
1
15
CPOLH1
0
C0
1
14
CPOLH0
0
MEAS1
1
13
CPBIASEN
0
MEAS0
1
12
DUTGND/CH
0
FIN
0
11
GUARD ALM
0
SFO
0
10
CLAMP ALM
0
SSO
0
9
INT10K
0
CL
0
8
GUARD EN
0
CPOLH
0
7
GAIN1
0
COMPARE V/I
0
6
GAIN0
0
LTMPALM
1
5
TMP ENABLE
1
TMPALM
1
4
TMP1
0
0
3
TMP0
0
0
2
LATCHED
0
0
1
0
0
0 (LSB)
Unused Data Bits
0
Unused Data Bits
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45