Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5100EVAL Fiches technique(PDF) 28 Page - Analog Devices

No de pièce AD5100EVAL
Description  System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5100EVAL Fiches technique(HTML) 28 Page - Analog Devices

Back Button AD5100EVAL Datasheet HTML 24Page - Analog Devices AD5100EVAL Datasheet HTML 25Page - Analog Devices AD5100EVAL Datasheet HTML 26Page - Analog Devices AD5100EVAL Datasheet HTML 27Page - Analog Devices AD5100EVAL Datasheet HTML 28Page - Analog Devices AD5100EVAL Datasheet HTML 29Page - Analog Devices AD5100EVAL Datasheet HTML 30Page - Analog Devices AD5100EVAL Datasheet HTML 31Page - Analog Devices AD5100EVAL Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD5100
Preliminary Technical Data
Rev. PrJ | Page 28 of 32
APPLICATIONS
Car Battery and Infotainment System Supply Monitoring
The AD5100 has two high-voltage monitoring inputs with
shutdown and reset controls over external devices. For example,
the V1MON and V2MON can be used to monitor the signals from a
car battery and an ignition key in an automobile, respectively.
Such application is shown in Figure 25. The shutdown output
can be connected to the shutdown pin of an external regulator
to prevent false conditions such as a weak battery or
overcharging battery by an alternator. The reset output can be
used to reset the processor in the event of a hardware or
software malfunction. An example of the input and output
responses of this circuit is shown in Figure 26.
Figure 25. Typical DSP in Car Infotainment Application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32