| Moteur de recherche de fiches techniques de composants électroniques |
|
VL6524QOMH Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL6524QOMH Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 70 page ![]() VL6524/VS6524 Output data formats 23/70 7 Output data formats The VL6524/VS6524 supports the following data formats: ● YUV4:2:2 ● RGB565 ● RGB444 (encapsulated as 565) ● RGB444 (zero padded) ● Bayer 10-bit In all output formats there are 2 output bytes per pixel. The required data format is selected using the bdataFormat0 register described in Table 16. The various options available for each format are controlled using the bRgbSetup and bYuvSetup registers (Table 29). 7.1 YUV 4:2:2 data format YUV 422 data format requires 4 bytes of data to represent 2 adjacent pixels. ITU601-656 defines the order of the Y, Cb and Cr components as shown in Figure 10. Figure 10. Standard Y Cb Cr data order The VL6524/VS6524 bYuvSetup register can be programmed to change the order of the components as follows: Figure 11. Y Cb Cr data swapping options Cb Cr YY Cb Cr Y Y Cb Cr YY 4-byte data packet 1 0 1 1 0 1 0 0 Cb Cr YY in 4-byte data packet Components order 1st 2nd 3rd 4th Cb Y Cr Y Cb Cr YY Cb Y Cr Y DEFAULT |