| Moteur de recherche de fiches techniques de composants électroniques |
|
VL6524 Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL6524 Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 70 page ![]() VL6524/VS6524 Output data formats 25/70 7.2.1 Manipulation of RGB data It is possible to modify the encapsulation of the RGB data in a number of ways: ● swap the location of the RED and BLUE data ● reverse the bit order of the individual color channel data ● reverse the order of the data bytes themselves 7.2.2 Dithering An optional dithering function can be enabled for each RGB output mode to reduce the appearance of contours produced by RGB data truncation. This is enabled through the DitherControl register (Table 28: Dither control). |