| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP2106ACPZ-1.5-R7 Fiches technique(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP2106ACPZ-1.5-R7 Fiches technique(HTML) 9 Page - Analog Devices |
|
9 / 32 page ![]() ADP2105/ADP2106/ADP2107 Rev. 0 | Page 9 of 32 10000 1 0.8 INPUT VOLTAGE (V) 10 100 1000 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 4.8 5.2 –40°C +125°C +25°C Figure 16. Quiescent Current vs. Input Voltage –40 125 TEMPERATURE (°C) –20 0 20 40 60 80 100 120 0.795 0.796 0.797 0.798 0.799 0.800 0.801 0.802 Figure 17. Feedback Voltage vs. Temperature 1.75 1.25 2.7 5.7 INPUT VOLTAGE (V) 1.70 1.65 1.60 1.55 1.50 1.45 1.40 1.35 1.30 3.0 3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 ADP2105 (1A) TA = 25°C Figure 18. Peak Current Limit of ADP2105 120 0 2.7 5.4 INPUT VOLTAGE (V) 100 80 60 40 20 3.03.33.63.94.24.54.85.1 NMOS SYNCHRONOUS RECTIFIER PMOS POWER SWITCH TA = 25°C Figure 19. Switch On Resistance vs. Input Voltage 1260 1190 2.7 5.4 INPUT VOLTAGE (V) 1250 1240 1230 1220 1210 1200 3.03.33.63.94.24.54.85.1 –40°C +25°C +125°C Figure 20. Switching Frequency vs. Input Voltage 2.35 1.85 2.7 5.7 INPUT VOLTAGE (V) 2.30 2.25 2.20 2.15 2.10 2.05 2.00 1.95 1.90 3.0 3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 ADP2106 (1.5A) TA = 25°C Figure 21. Peak Current Limit of ADP2106 |