Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP2105ACPZ-R7 Fiches technique(PDF) 28 Page - Analog Devices

No de pièce ADP2105ACPZ-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP2105ACPZ-R7 Fiches technique(HTML) 28 Page - Analog Devices

Back Button ADP2105ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2105ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2105ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2105ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2105ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2105ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP2105ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP2105ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP2105ACPZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 28 of 32
POWER GROUND PLANE
INPUT VOLTAGE PLANE
CONNECTING THE TWO
PWIN PINS AS CLOSE
AS POSSIBLE.
CONNECT THE PGND PIN
TO THE POWER GROUND
PLANE AS CLOSE TO THE
ADP2105/ADP2106/ADP2107
AS POSSIBLE.
CONNECT THE EXPOSED PAD OF
THE ADP2105/ADP2106/ADP2107
TO A LARGE GROUND PLANE TO
AID POWER DISSIPATION.
FEEDBACK TRACE: THIS TRACE CONNECTS THE TOP OF THE
RESISTIVE VOLTAGE DIVIDER ON THE FB PIN TO THE OUTPUT.
PLACE THIS TRACE AS FAR AWAY FROM THE LX NODE AND HIGH
CURRENT TRACES AS POSSIBLE TO PREVENT NOISE PICKUP.
VIN
VIN
ANALOG GROUND PLANE
ENABLE
GND
GND
VOUT
Figure 53. Recommended Layout of Bottom Layer of ADP2105/ADP2106/ADP2107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32