Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5503-AS Fiches technique(PDF) 47 Page - Cirrus Logic

No de pièce CS5503-AS
Description  Low-Cost, 16 & 20-Bit Measurement A/D Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5503-AS Fiches technique(HTML) 47 Page - Cirrus Logic

Back Button CS5503-AS Datasheet HTML 43Page - Cirrus Logic CS5503-AS Datasheet HTML 44Page - Cirrus Logic CS5503-AS Datasheet HTML 45Page - Cirrus Logic CS5503-AS Datasheet HTML 46Page - Cirrus Logic CS5503-AS Datasheet HTML 47Page - Cirrus Logic CS5503-AS Datasheet HTML 48Page - Cirrus Logic CS5503-AS Datasheet HTML 49Page - Cirrus Logic CS5503-AS Datasheet HTML 50Page - Cirrus Logic CS5503-AS Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
Header
D8
D9
D10
D11
D12
D13
D14
D15
A0
PCS
1
S1
CLK
H
A
Vcc
QH
QA
8
9
11
12
17
18
RST
PA
PB
PC
PD
PE
PF
PG
PH
GND
S2
OE2
OE1
1
S1
CLK
H
A
Vcc
QH
QA
8
9
11
12
17
18
RST
PA
PB
PC
PD
PE
PF
PG
PH
GND
S2
OE2
OE1
Vcc
23
19 10
20
C13
23
19 10
20
4
5
6
7
13
14
15
16
DACK
SCLK
V+
D
CL
V+
SDATA
1
2 10
11
TP17
V+
RN1.4
TP18
Byte Wide
Jumpers
D0
D1
D2
D3
D4
D5
D6
D7
TP19
1
2
3
4
7
S
R
Q
6
14
V+
12
13
Q
5
(fig. 2)
(fig. 2)
(fig. 2)
DCS
P7
PDR
4
5
6
7
13
14
15
16
U9
74HCT299
U10
74HCT299
0.1
µF
C14
0.1
µF
R 18
100 k
RN 3.4
47 k
47 k
RN 3.2
47 k
C22
0.1
µF
U8A
74HC74
U6
U6
74HCT04
3
4
5
6
Vcc
Figure 3. 16-Bit Parallel Port
CDB5501/CDB5503
DS31DB3
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54