Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1407442 Fiches technique(PDF) 23 Page - PHOENIX CONTACT

No de pièce 1407442
Description  NBC-10,0-94B/FS SCO - Network cable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407442 Fiches technique(HTML) 23 Page - PHOENIX CONTACT

Back Button 1407442 Datasheet HTML 19Page - PHOENIX CONTACT 1407442 Datasheet HTML 20Page - PHOENIX CONTACT 1407442 Datasheet HTML 21Page - PHOENIX CONTACT 1407442 Datasheet HTML 22Page - PHOENIX CONTACT 1407442 Datasheet HTML 23Page - PHOENIX CONTACT 1407442 Datasheet HTML 24Page - PHOENIX CONTACT 1407442 Datasheet HTML 25Page - PHOENIX CONTACT 1407442 Datasheet HTML 26Page - PHOENIX CONTACT 1407442 Datasheet HTML 27Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
VS-08-RJ45-5-Q/IP20 - RJ45 connector
1656725
https://www.phoenixcontact.com/us/products/1656725
RJ45 connector, design: RJ45, degree of protection: IP20, number of positions:
8, 1 Gbps, CAT5, material: Plastic, connection method: Insulation displacement
connection, connection cross section: AWG 26- 23, cable outlet: straight, color:
traffic grey A RAL 7042, Ethernet
VS-08-RJ45-5-Q/IP20 BK - RJ45 connector
1658008
https://www.phoenixcontact.com/us/products/1658008
RJ45 connector, design: RJ45, degree of protection: IP20, number of positions:
8, 1 Gbps, CAT5, material: Plastic, connection method: Insulation displacement
connection, connection cross section: AWG 26- 23, cable outlet: straight, color:
black, Ethernet
NBC-10,0-94B/FS SCO - Network cable
1407442
https://www.phoenixcontact.com/us/products/1407442
Jul 7, 2023, 6:18 AM
Page 23 (28)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28