| Moteur de recherche de fiches techniques de composants électroniques |
|
MUR550APF Fiches technique(PDF) 7 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
MUR550APF Fiches technique(HTML) 7 Page - ON Semiconductor |
|
7 / 8 page ![]() MUR550APF, MURD550PF, MUR550PF http://onsemi.com 7 PACKAGE DIMENSIONS AXIAL LEAD CASE 267−05 ISSUE G STYLE 1: PIN 1. CATHODE (POLARITY BAND) 2. ANODE 1 2 K A K D B DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.287 0.374 7.30 9.50 B 0.189 0.209 4.80 5.30 D 0.047 0.051 1.20 1.30 K 1.000 −−− 25.40 −−− NOTES: 1. DIMENSIONS AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 267−04 OBSOLETE, NEW STANDARD 267−05. DPAK CASE 369C−01 ISSUE O D A K B R V S F L G 2 PL M 0.13 (0.005) T E C U J H −T− SEATING PLANE Z DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.235 0.245 5.97 6.22 B 0.250 0.265 6.35 6.73 C 0.086 0.094 2.19 2.38 D 0.027 0.035 0.69 0.88 E 0.018 0.023 0.46 0.58 F 0.037 0.045 0.94 1.14 G 0.180 BSC 4.58 BSC H 0.034 0.040 0.87 1.01 J 0.018 0.023 0.46 0.58 K 0.102 0.114 2.60 2.89 L 0.090 BSC 2.29 BSC R 0.180 0.215 4.57 5.45 S 0.025 0.040 0.63 1.01 U 0.020 −−− 0.51 −−− V 0.035 0.050 0.89 1.27 Z 0.155 −−− 3.93 −−− NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 12 3 4 5.80 0.228 2.58 0.101 1.6 0.063 6.20 0.244 3.0 0.118 6.172 0.243 mm inches SCALE 3:1 *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. SOLDERING FOOTPRINT* |