| Moteur de recherche de fiches techniques de composants électroniques |
|
MUR550 Fiches technique(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
MUR550 Fiches technique(HTML) 3 Page - ON Semiconductor |
|
3 / 8 page ![]() MUR550APF, MURD550PF, MUR550PF http://onsemi.com 3 Lead Length, L (IN) Mounting Method 1/8 1/4 1/2 Units 1 2 3 50 58 RqJA 51 53 59 61 28 °C/W °C/W °C/W TYPICAL VALUES FOR RqJA IN STILL AIR Data shown for thermal resistance junction−to−ambient (RqJA) for the mountings shown is to be used as typical guideline values for preliminary engineering or in case the tie point temperature cannot be measured. NOTE 2 — AMBIENT MOUNTING DATA MOUNTING METHOD 1 MOUNTING METHOD 2 MOUNTING METHOD 3 3/4 55 63 L L P.C. Board Where Available Copper Surface area is small. L L Vector Push−In Terminals T−28 L = 1/2 Board Ground Plane ″ P.C. Board with 1−1/2 ″ x 1−1/2″ Copper Surface |