| Moteur de recherche de fiches techniques de composants électroniques |
|
LDW2016 Fiches technique(PDF) 1 Page - LETEX TECHNOLOGY CORP. |
|
|
|||||||||||||||||||||||||||||
LDW2016 Fiches technique(HTML) 1 Page - LETEX TECHNOLOGY CORP. |
|
1 / 3 page ![]() LDW2016 - 1 - Letex Technology Corp. Reed Switch specifications Model No: LDW-2016 Features • • • •The LDW-2016 is a medium-size high power, High breakdown voltage reed switch Applications •Automotive electronic devices •Rotation and speed Monitoring •Door and Window Contacts for Security System •Communication equipment •Measurement equipment Dimensions Glass Diameter (Max.) 2.6 mm Glass Length (Max.) 20.0 mm Lead Diameter (Nominal) 0.6 mm Outer Dimension Overall Length (Max.) 56.8 mm |
Numéro de pièce similaire - LDW2016 |
|
Description similaire - LDW2016 |