| Moteur de recherche de fiches techniques de composants électroniques |
|
LDW1003 Fiches technique(PDF) 1 Page - LETEX TECHNOLOGY CORP. |
|
|
|||||||||||||||||||||||||||||
LDW1003 Fiches technique(HTML) 1 Page - LETEX TECHNOLOGY CORP. |
|
1 / 3 page ![]() LDW1003 - 1 - Letex Technology Corp. Reed Switch specifications Model No: LDW-1003 Features • • • •The LDW-1003 is a ultra miniature single-contact reed switch designed for high speed low level switching systems Applications •Automotive electronic devices •Rotation and speed Monitoring •Door and Window Contacts for Security System •Communication equipment •Measurement equipment Dimensions Glass Diameter (Max.) 1.9 mm Glass Length (Max.) 12.1 mm Lead Diameter (Nominal) 0.43 mm Outer Dimension Overall Length (Max.) 51.0 mm |
Numéro de pièce similaire - LDW1003 |
|
Description similaire - LDW1003 |