Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLY87C Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce BLY87C
Description  VHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLY87C Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button BLY87C Datasheet HTML 3Page - NXP Semiconductors BLY87C Datasheet HTML 4Page - NXP Semiconductors BLY87C Datasheet HTML 5Page - NXP Semiconductors BLY87C Datasheet HTML 6Page - NXP Semiconductors BLY87C Datasheet HTML 7Page - NXP Semiconductors BLY87C Datasheet HTML 8Page - NXP Semiconductors BLY87C Datasheet HTML 9Page - NXP Semiconductors BLY87C Datasheet HTML 10Page - NXP Semiconductors BLY87C Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
August 1986
7
Philips Semiconductors
Product specification
VHF power transistor
BLY87C
The circuit and the components are situated on one side of the epoxy fibre-glass board, the other side being fully
metallized to serve as earth. Earth connections are made by means of hollow rivets, whilst under the emitter leads Cu
straps are used for a direct contact between upper and lower sheets.
Fig.8 Component layout and printed-circuit board for 175 MHz test circuit.
handbook, full pagewidth
MGP825
1888MJK
1888MJK
C1
C2
R1
C4
C5
C6
C7
C3
L3
L2
L1
L4
L5
L7
L6
+VCC
rivet
72
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11