| Moteur de recherche de fiches techniques de composants électroniques |
|
ADA4899-1YCPZ-R7 Fiches technique(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4899-1YCPZ-R7 Fiches technique(HTML) 12 Page - Analog Devices |
|
12 / 20 page ![]() ADA4899-1 Rev. A | Page 12 of 20 TEST CIRCUITS VOUT –VS +VS RL 10µF 10µF 24.9Ω 49.9Ω VIN 0.1µF 0.1µF Figure 40. Typical Noninverting Load Configuration VOUT +VS AC –VS 10µF 1kΩ 10Ω 49.9Ω RL 10Ω 0.1µF Figure 41. Positive Power Supply Rejection VOUT +VS –VS RL 10µF 10µF 1kΩ 1kΩ 1kΩ 1kΩ 53.6Ω VIN 0.1µF 0.1µF Figure 42. Common-Mode Rejection VOUT VIN +VS –VS RF RG RSNUB RT 10µF 10µF RL CL 0.1µF 0.1µF Figure 43. Typical Capacitive Load Configuration VOUT +VS –VS 1kΩ 10Ω 49.9Ω 10Ω 0.1µF 10µF AC RL Figure 44. Negative Power Supply Rejection |