Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9640/PCB Fiches technique(PDF) 31 Page - Analog Devices

No de pièce AD9640/PCB
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9640/PCB Fiches technique(HTML) 31 Page - Analog Devices

Back Button AD9640/PCB Datasheet HTML 27Page - Analog Devices AD9640/PCB Datasheet HTML 28Page - Analog Devices AD9640/PCB Datasheet HTML 29Page - Analog Devices AD9640/PCB Datasheet HTML 30Page - Analog Devices AD9640/PCB Datasheet HTML 31Page - Analog Devices AD9640/PCB Datasheet HTML 32Page - Analog Devices AD9640/PCB Datasheet HTML 33Page - Analog Devices AD9640/PCB Datasheet HTML 34Page - Analog Devices AD9640/PCB Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
Preliminary Technical Data
AD9640
Rev. PrD | Page 31 of 41
CHANNEL/CHIP SYNCHRONIZATION
The AD9640 has a SYNC input that allows the user flexible
synchronization options for syncing the internal blocks. The
sync feature is useful to guarantee synchronized operation
across multiple ADCs. The input clock divider and the signal
monitor block can be synchronized using the SYNC input. The
input clock divider can be enabled to sync on a single
occurrence of the sync signal or on every occurrence. The
signal monitor syncs on every SYNC input.
The SYNC input is internally synchronized to the sample clock,
however to ensure there is no timing uncertainty between
multiple parts the SYNC input signal should be synchronized to
the input clock signal. The SYNC input should be driven using
a single ended CMOS type signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41