| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9992BBCZRL Fiches technique(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9992BBCZRL Fiches technique(HTML) 27 Page - Analog Devices |
|
27 / 92 page ![]() AD9992 Rev. C | Page 27 of 92 REGION 0: USE V-SEQUENCE 3 REGION 1: USE V-SEQUENCE 2 REGION 2: USE V-SEQUENCE 1 REGION 0: USE V-SEQUENCE 3 REGION 1: USE V-SEQUENCE 2 REGION 2: USE V-SEQUENCE 1 REGION 0: USE V-SEQUENCE 2 REGION 1: USE V-SEQUENCE 0 REGION 3: USE V-SEQUENCE 0 REGION 4: USE V-SEQUENCE 2 FIELD 0 FIELD1 FIELD2 REGION 2: USE V-SEQUENCE 3 FIELD0 FIELD1 FIELD2 FIELD3 FIELD4 FIELD5 FIELD1 FIELD4 FIELD2 VPAT0 VPAT1 XV1 XV2 XV23 XV24 XV3 XV1 XV2 XV23 XV24 XV3 1 2 3 4 CREATE THE VERTICAL PATTERN GROUPS, UP TO FOUR TOGGLE POSITIONS FOR EACH OUTPUT. BUILD THE V-SEQUENCES BY ADDING START POLARITY, LINE START POSITION, NUMBER OF REPEATS, ALTERNATION, GROUP A/B/C/D INFORMATION, AND HBLK/CLPOB PULSES. V-SEQUENCE 0 (VPAT0, 1 REP) V-SEQUENCE 1 (VPAT1, 2 REP) V-SEQUENCE 2 (VPAT1, N REP) BUILD EACH FIELD BY DIVIDING INTO DIFFERENT REGIONS AND ASSIGNING A DIFFERENT V-SEQUENCE TO EACH (MAXIMUM OF NINE REGIONS IN EACH FIELD). USE THE MODE REGISTERS TO CONTROL WHICH FIELDS ARE USED, AND IN WHAT ORDER (MAXIMUM OF SEVEN FIELDS CAN BE COMBINED IN ANY ORDER). XV1 XV2 XV23 XV24 XV3 XV1 XV2 XV23 XV24 XV3 XV1 XV2 XV23 XV24 XV3 Figure 33. Summary of Vertical Timing Generation |