| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9992BBCZ Fiches technique(PDF) 34 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9992BBCZ Fiches technique(HTML) 34 Page - Analog Devices |
|
34 / 92 page ![]() AD9992 Rev. C | Page 34 of 92 XV1 XV2 XV23 VLENA VLENB VLENC VLEND V-PATTERN A XV3 V-PATTERN B V-PATTERN C V-PATTERN D NOTES 1. EACH SEGMENT MUST BE THE SAME LENGTH. VLENA = VLENB = VLENC = VLEND. Figure 39. Vertical Timing Divided Into Four Segments: VPATA, VPATB, VPATC, and VPATD HD COMBINED V-PATTERN NOTES 1. ABLE TO CONCATENATE PATTERNS TOGETHER ARBITRARILY. 2. EACH PATTERN CAN HAVE UP TO FOUR TOGGLES PROGRAMMED. 3. MAY CONCATENATE UP TO 18 PATTERNS INTO A MERGED PATTERN. 4. ODD AND EVEN LINES CAN HAVE A DIFFERENT PATTERN CONCATENATION SPECIFIED BY VALTSEL EVEN AND ODD REGISTERS. A B B DACC A B C B DAB A A Figure 40. Concatenating Each VPAT Group in Arbitrary Order NOTES 1. SIX V-PATTERN SEGMENTS CONCATENATED INTO A MERGED PATTERN. 2. COMMON AND REPETITIVE VTP SEGMENTS DERIVED FROM THE COMPLETE VTP PATTERN. 3. VALTSEL REGISTERS SPECIFY SEGMENT ORDER TO CREATE THE CONCATENATED MERGED PATTERN. AC B D XV1 XV2 XV23 XV3 VPATA VPATC VPATB VPATD VPATD VPATA VALTSEL0_EVEN 0 0 1 1 1 0 VALTSEL1_EVEN 0 1 0 1 1 0 SEGMENT 1 A D XV1 TO XV23 SEGMENT 2 SEGMENT 3 SEGMENT4 SEGMENT 5 SEGMENT 6 HD Figure 41. Special V-Sequence Alternation Mode Using VALTSEL Registers to Specify Segment Order |