| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC3702/4 Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC3702/4 Fiches technique(HTML) 4 Page - Texas Instruments |
|
4 / 12 page ![]() TLV3701Q1 TLV3702Q1 TLV3704Q1 SGLS154C − NOVEMBER 2000 − REVISED NOVEMBER 2003 4 www.ti.com recommended operating conditions MIN MAX UNIT Supply voltage, VCC Single supply 2.7 16 V Supply voltage, VCC Split supply ±1.35 ±8 V Common-mode input voltage range, VICR −0.1 VCC+5 V Operating free-air temperature, TA Q-suffix −40 125 °C electrical characteristics at specified operating free-air temperature, VCC = 2.7 V, 5 V, 15 V (unless otherwise noted) dc performance PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT VIO Input offset voltage 25 °C 250 5000 V VIO Input offset voltage VIC = VCC/2, RS = 50 Ω Full range 7000 µV αVIO Offset voltage drift VIC = VCC/2, RS = 50 Ω 25 °C 3 µV/°C VIC = 0 to 2.7 V, RS = 50 Ω 25 °C 55 72 VIC = 0 to 2.7 V, RS = 50 Ω Full range 50 CMRR Common-mode rejection ratio VIC = 0 to 5 V, RS = 50 Ω 25 °C 60 76 dB CMRR Common-mode rejection ratio VIC = 0 to 5 V, RS = 50 Ω Full range 55 dB VIC = 0 to 15 V, RS = 50 Ω 25 °C 65 88 VIC = 0 to 15 V, RS = 50 Ω Full range 60 AVD Large-signal differential voltage amplification 25 °C 1000 V/mV † Full range is − 40°C to 125°C for Q suffix. input/output characteristics PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT IIO Input offset current 25 °C 20 100 pA IIO Input offset current VIC = VCC/2, RS = 50 Ω Full range 1000 pA IIB Input bias current VIC = VCC/2, RS = 50 Ω 25 °C 80 250 pA IIB Input bias current Full range 2000 pA ri(d) Differential input resistance 25 °C 300 M Ω VIC = VCC/2, IOH = 2 µA, VID = 1 V 25 °C VCC− 0.08 VOH High-level output voltage VIC = VCC/2, IOH = −50 A, VID = 1 V 25 °C VCC− 320 mV VIC = VCC/2, IOH = −50 µA, VID = 1 V Full range VCC− 450 VIC = VCC/2, IOH = 2 µA, VID = −1 V 25 °C 8 VOL Low-level output voltage VIC = VCC/2, IOH = 50 µA, VID = −1 V 25 °C 80 200 mV VOL Low-level output voltage VIC = VCC/2, IOH = 50 µA, VID = −1 V Full range 300 mV † Full range is − 40°C to 125°C for Q suffix. |