| Moteur de recherche de fiches techniques de composants électroniques |
|
WMS7204 Fiches technique(PDF) 27 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
WMS7204 Fiches technique(HTML) 27 Page - Winbond |
|
27 / 32 page ![]() WMS7204 Publication Release Date: January 2003 - 27 - Revision 1.0 11.1. LAYOUT CONSIDERATIONS A 0.1 µF bypass capacitor as close as possible to the VDD pin is recommended for best performance. Often this can be done by placing the surface mount capacitor on the bottom side of the PC board, directly between the VDD and VSS pins. Care should be taken to separate the analog and digital traces. Sensitive traces should not run under the device or close to the bypass capacitors. A dedicated plane for analog ground helps in reducing ground noise for sensitive analog signals. FIGURE 13 – WMS7204 LAYOUT |