Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFS04M Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce DFS04M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DFS04M Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button DFS04M Datasheet HTML 4Page - STMicroelectronics DFS04M Datasheet HTML 5Page - STMicroelectronics DFS04M Datasheet HTML 6Page - STMicroelectronics DFS04M Datasheet HTML 7Page - STMicroelectronics DFS04M Datasheet HTML 8Page - STMicroelectronics DFS04M Datasheet HTML 9Page - STMicroelectronics DFS04M Datasheet HTML 10Page - STMicroelectronics DFS04M Datasheet HTML 11Page - STMicroelectronics DFS04M Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
AN1262 APPLICATION NOTE
8/42
All of the above mentioned calculation steps are summarized in table 6.
Table 6. Preliminary Calculations (step 2)
8
OPERATING CONDITIONS @ VIN = VDCMIN
From the thermal point of view the heaviest operating conditions for the IC, and for most of the other parts of
the converter as well, are usually encountered at minimum input voltage.
That is why the operating conditions @ Vin = VDCmin need being evaluated. This will be done with the aid of the
relationships in table 7.
Table 7. Relationship useful for calculating converter's operating conditions @ Vin = VDCmin
Symbol
Parameter
Definition
PinT
Transformer Input Power
VDS(on)x
Max. average drop on RDS(on) in ON-state
Dx
Maximum Duty Cycle
VDSmax
Maximum drain Voltage in OFF-state
VDSmax = VPKmax + VR + Vspike
Ippkx
Max. Peak Primary Current
Symbol
Description
Definition
D
Duty Cycle (switch ON-time to switching period ratio)
Ippk
Peak Primary Current
Ippk = Ippkx
IpDC
DC Primary Current
IpRMS
Total RMS Primary Current
IpAC
RMS Primary Current (AC component only)
D‘
Secondary diode conduction time to switching period ratio
Ispk
Peak Secondary Current
IsDC
DC Secondary Current
IsDC = Iout
P
inT
V
out
V
F
+
() I
ou t
⋅
η
T
-------------------------------------------
=
V
DS on
()
V
inmin
V
R
+
1
V
inmin
V
R
⋅
P
in
R
DS on
()
⋅
----------------------------------
+
--------------------------------------------
≈
D
X
V
R
V
inm i n
V
DS on
()x
–
() V
R
+
-----------------------------------------------------------------
=
Ip
pkx
P
inT
V
inm i n
V
DS on
()x
–
----------------------------------------------
2
D
X
-------
⋅
=
D
V
inm i n
V
DS on
()x
–
V
DCmin
V
DS on
()x
–
-------------------------------------------------
=
D
X
⋅
Ip
DC
DIp
pk
⋅
2
-------------------
=
Ip
RM S
Ip
pk
D
3
----
⋅
=
Ip
AC
Ip
RMS
2
Ip
DC
2
–
=
D'
V
DCmin
V
DS on
()x
–
V
R
------------------------------------------------- D
⋅
=
Is
pk
2I
out
⋅
D'
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42