Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DF06M Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce DF06M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DF06M Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button DF06M Datasheet HTML 19Page - STMicroelectronics DF06M Datasheet HTML 20Page - STMicroelectronics DF06M Datasheet HTML 21Page - STMicroelectronics DF06M Datasheet HTML 22Page - STMicroelectronics DF06M Datasheet HTML 23Page - STMicroelectronics DF06M Datasheet HTML 24Page - STMicroelectronics DF06M Datasheet HTML 25Page - STMicroelectronics DF06M Datasheet HTML 26Page - STMicroelectronics DF06M Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
23/42
AN1262 APPLICATION NOTE
Figure 10. Plant transfer function G2(j
ω) of DCM Flyback (Bode Plots)
Table 15. Plant Transfer Function and its Main Quantities
Figure 11. Controller Transfer Function G1(j
ω) (Bode Plots)
Symbol
Definition
G2(j
ω)
G20
fESR
fout
Gain
[dB]
Phase
[°]
Gain
Phase
0
-90
0
fout
G20
fESR
G2 j
ω
()
G2
0
1
j
ω
ω
ES R
--------------
+
1
j
ω
ω
out
-----------
+
------------------------
⋅
=
G2
0
D
max
V
s
-------------- V
in
R
out
2Lp f
sw
⋅⋅
---------------------------
⋅⋅
=
f
ESR
ω
ESR
2
π
⋅
--------------
=
1
2
π ESR C
out
⋅⋅
⋅
---------------------------------------------
=
f
out
ω
out
2
π
⋅
-----------
1
π R
out
C
out
⋅⋅
------------------------------------
==
Gain
[dB]
Phase
[°]
Gain
Phase
0
-90
0
f
fZ
fP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42