Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI49FCT805TSB Fiches technique(PDF) 7 Page - Pericom Semiconductor Corporation

No de pièce PI49FCT805TSB
Description  Fast CMOS Buffer/Clock Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT805TSB Fiches technique(HTML) 7 Page - Pericom Semiconductor Corporation

  PI49FCT805TSB Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT805TSB Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT805TSB Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT805TSB Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT805TSB Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT805TSB Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT805TSB Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT805TSB Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
PS7006C
06/27/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT805T
PI49FCT2805T/PI49FCT806T
Fast CMOS Buffer/Clock Driver
20-Pin 209-Mil SSOP (H)
.272
.295
.078
.002
SEATING
PLANE
.0098
Max.
.0256
BSC
.022
.037
.004
.009
.291
.322
1
20
.197
.220
0.25
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.050
7.40
8.20
0.55
0.95
0.09
0.25
5.00
5.60
2.00
6.90
7.50
0.65
Max
Min
20-Pin 150-Mil QSOP (Q)
.337
.344
.053
.069
.004
.010
SEATING
PLANE
.025
BSC
.007
.010
.228
.244
.150
.157
1
20
.016
.050
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.635
8.56
8.74
1.35
1.75
5.79
6.19
0.41
1.27
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
.058
1.47
.015 x 45˚
0.38
REF
Detail A
Detail A
.008
0.20
MIN.
Guage Plane
.010
0.254
.041
1.04
REF
.016
.035
0.41
0.89
0˚-6˚
.008
.013
0.20
0.33



Html Pages

1 2 3 4 5 6 7 8