| Moteur de recherche de fiches techniques de composants électroniques |
|
PI49FCT806BTH Fiches technique(PDF) 7 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI49FCT806BTH Fiches technique(HTML) 7 Page - Pericom Semiconductor Corporation |
|
7 / 8 page ![]() 7 PS7006C 06/27/01 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 PI49FCT805T PI49FCT2805T/PI49FCT806T Fast CMOS Buffer/Clock Driver 20-Pin 209-Mil SSOP (H) .272 .295 .078 .002 SEATING PLANE .0098 Max. .0256 BSC .022 .037 .004 .009 .291 .322 1 20 .197 .220 0.25 X.XX X.XX DENOTES DIMENSIONS IN MILLIMETERS 0.050 7.40 8.20 0.55 0.95 0.09 0.25 5.00 5.60 2.00 6.90 7.50 0.65 Max Min 20-Pin 150-Mil QSOP (Q) .337 .344 .053 .069 .004 .010 SEATING PLANE .025 BSC .007 .010 .228 .244 .150 .157 1 20 .016 .050 X.XX X.XX DENOTES DIMENSIONS IN MILLIMETERS 0.635 8.56 8.74 1.35 1.75 5.79 6.19 0.41 1.27 0.101 0.254 .008 .012 0.203 0.305 3.81 3.99 0.178 0.254 .058 1.47 .015 x 45˚ 0.38 REF Detail A Detail A .008 0.20 MIN. Guage Plane .010 0.254 .041 1.04 REF .016 .035 0.41 0.89 0˚-6˚ .008 .013 0.20 0.33 |