| Moteur de recherche de fiches techniques de composants électroniques |
|
PI49FCT806TH Fiches technique(PDF) 6 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI49FCT806TH Fiches technique(HTML) 6 Page - Pericom Semiconductor Corporation |
|
6 / 8 page ![]() 6 PS7006C 06/27/01 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 PI49FCT805T PI49FCT2805T/PI49FCT806T Fast CMOS Buffer/Clock Driver SwitchingWaveforms Output Skew tSK(o) Input tPLHx 3V 1.5V 0V Ox VOH 1.5V VOL tPHLx tSK(o) Oy VOH 1.5V VOL tSK(o) tPLHy tPHLy tSK(o) =|tPLHy tPLHx |or|tPHLy tPHLx | Pulse Skew tSK(p) Package Skew tSK(t) PropagationDelay Input tPLH 3V 1.5V 0V Output VOH 1.5V VOL tPHL EnableandDisableTimes tPZL OE 1.5V 0V 3V 1.5V 3.5V 0V 1.5V tPLZ VOL 3.5V 0V tPZH tPHZ 0.3V 0.3V Output Normally Low Output Normally High Switch Closed Switch Open VOH Enable Disable Input tPLH 3V 1.5V 0V Output VOH 1.5V VOL tPHL tSK(p) =|tPHL tPLH | Input tPLH1 3V 1.5V 0V Package 1 Output VOH 1.5V VOL tPHL1 tSK(t) Package 2 Output VOH 1.5V VOL tSK(t) tPLH2 tPHL2 tSK(t) =|tPLH2 tPLH1 |or|tPHL2 tPHL1 | |