| Moteur de recherche de fiches techniques de composants électroniques |
|
STLD40D Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLD40D Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 14 page ![]() Maximum ratings STLD40D 4/14 2 Maximum ratings Table 2. Absolute maximum ratings Figure 2. Block diagram Symbol Parameter Value Unit VBSW, VBO Breakdown voltage at VO and SW pin 44 V EN Maximum voltage applied on pin EN VI V VI Supply voltage range 6 V VESD ESD ratings - (HBM MIL STD 883C) 2 kV TOP Operating temperature -40 to 85 °C TSTG Storage temperature range -65 to 150 °C |