| Moteur de recherche de fiches techniques de composants électroniques |
|
54F191FMQB Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54F191FMQB Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 10 page ![]() TLF9495 November 1994 54F74F191 UpDown Binary Counter with Preset and Ripple Clock General Description The ’F191 is a reversible modulo-16 binary counter featur- ing synchronous counting and asynchronous presetting The preset feature allows the ’F191 to be used in program- mable dividers The Count Enable input the Terminal Count output and Ripple Clock output make possible a variety of methods of implementing multistage counters In the count- ing modes state changes are initiated by the rising edge of the clock Features Y High-Speed125 MHz typical count frequency Y Synchronous counting Y Asynchronous parallel load Y Cascadable Commercial Military Package Package Description Number 74F191PC N16E 16-Lead (0300 Wide) Molded Dual-In-Line 54F191DM (Note 2) J16A 16-Lead Ceramic Dual-In-Line 74F191SC (Note 1) M16A 16-Lead (0150 Wide) Molded Small Outline JEDEC 74F191SJ (Note 1) M16D 16-Lead (0300 Wide) Molded Small Outline EIAJ 54F191FM (Note 2) W16A 16-Lead Cerpack 54F191LM (Note 2) E20A 20-Lead Ceramic Leadless Chip Carrier Type C Note 1 Devices also available in 13 reel Use suffix e SCX and SJX Note 2 Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB Logic Symbols TLF9495 – 1 IEEEIEC TLF9495 – 4 Connection Diagrams Pin Assignment for DIP SOIC and Flatpak TLF9495 – 2 Pin Assignment for LCC TLF9495 – 3 TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M75Printed in U S A |
Numéro de pièce similaire - 54F191FMQB |
|
Description similaire - 54F191FMQB |