| Moteur de recherche de fiches techniques de composants électroniques |
|
SLEC19P2RG Fiches technique(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
SLEC19P2RG Fiches technique(HTML) 2 Page - ITT Industries |
|
2 / 14 page ![]() 21 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change Plug, 90° PCB 19 Position 28 Position Receptacle, In-line 19 Position 28 Position Plug, In-line 19 Position 28 Position For PCB Layout, see page 25 130408-0000 130408-0004 130408-0001 130408-0010 130408-0002 130408-0011 130408-0003 130408-0012 130413-0000 130413-0003 130413-0001 130413-0004 130413-0002 130413-0005 130414-0000 130414-0002 130414-0001 130414-0004 130412-0000 130412-0004 130412-0001 130412-0010 130412-0002 130412-0011 130412-0003 130412-0012 130413-0000 130413-0003 130413-0001 130413-0004 130413-0002 130413-0005 130414-0000 130414-0002 130414-0001 130414-0004 Note: For configuration contact Cannon. Note: For configuration contact Cannon. Series Prefix SLE - SLE-Snap Lock Environmental Size B-19 Cavity Housing C-28 Cavity Housing Number of Contacts 19 or 28 Contact Termination T - Tuning Fork Straight [Plug with 3,05 (.120) min. PCB tails] N - Tuning Fork 90° [Plug with 2,54 (.100) min. PCB tails] P - Crimp Pin (Receptacle) S - Crimp Socket (Plug) P1 - Crimp Pin Power (Receptacle) S1 - Crimp Socket Power (Pin) Connector Type 2 - Plug, In-line (Cable-to-Cable) 3 - Plug, PCB 4 - Receptacle, In-line (Cable-to-Cable) Connector Termination S - Straight (Endbell) L - 90° Left (Endbell) R - 90° Right (Endbell) U - 90° Up (Endbell) D - 90° Down (Endbell) P - Potted (PCB Only) Mechanical Modifier F - With Flange Mount (Plug only) G - Screwlock Applications (Receptacle only) M - Metric Threaded Inserts N - Threaded Inserts #6-32 E - Threaded Inserts #6-32 Snap-Lock Environmentally Sealed - Rectangular Engineering Quick Reference Selection Guide Cannon SLE |