| Moteur de recherche de fiches techniques de composants électroniques |
|
74F191PCX Fiches technique(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74F191PCX Fiches technique(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 10 page ![]() AC Electrical Characteristics 74F 54F 74F TA ea25 C TA VCC e Mil TA VCC e Com Symbol Parameter VCC ea50V CL e 50 pF CL e 50 pF Units CL e 50 pF Min Typ Max Min Max Min Max fmax Maximum Count Frequency 100 125 75 90 MHz tPLH Propagation Delay 30 55 75 30 95 30 85 tPHL CP to Qn 50 85 110 50 135 50 120 ns tPLH Propagation Delay 60 100 130 60 165 60 140 tPHL CP to TC 50 85 110 50 135 50 120 tPLH Propagation Delay 30 55 75 30 95 30 85 tPHL CP to RC 30 50 70 30 90 30 80 ns tPLH Propagation Delay 30 50 70 30 90 30 80 tPHL CE to RC 30 55 70 30 90 30 80 tPLH Propagation Delay 70 110 180 70 220 70 200 tPHL U D to RC 55 90 120 55 140 55 130 ns tPLH Propagation Delay 40 70 100 40 135 40 110 tPHL U D to TC 40 65 100 40 125 40 110 tPLH Propagation Delay 30 45 70 30 90 30 80 ns tPHL Pn to Qn 60 100 130 60 160 60 140 tPLH Propagation Delay 50 85 110 50 130 50 120 ns tPHL PL to Qn 55 90 120 55 145 55 130 tPLH Propagation Delay 50 140 50 150 ns tPHL Pn to TC 65 130 60 140 tPLH Propagation Delay 65 190 65 200 ns tPHL Pn to RC 60 140 60 150 tPLH Propagation Delay 80 165 80 175 ns tPHL PL to TC 60 135 60 145 tPLH Propagation Delay 100 200 100 210 ns tPHL PL to RC 90 155 90 160 5 |