Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MGLS128128-HT-F-LED Fiches technique(PDF) 2 Page - Varitronix international limited

No de pièce MGLS128128-HT-F-LED
Description  SPECIFICATION OF LCD MODULE TYPE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VARITRONIX [Varitronix international limited]
Site Internet  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited

MGLS128128-HT-F-LED Fiches technique(HTML) 2 Page - Varitronix international limited

  MGLS128128-HT-F-LED Datasheet HTML 1Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 2Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 3Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 4Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 5Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 6Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 7Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 8Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 9Page - Varitronix international limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
VL-FS-MGLS128128-29C REV. B
(MGLS128128T-HT-F-LED WHITE)
MAY/2004
PAGE 2 OF 11
DOCUMENT
REVISION
HISTORY 1:
DOCUMENT
REVISION
FROM
TO
DATE
DESCRIPTION
CHANGED
BY
CHECKED
BY
0.0
0.0
A
A
B
2000.08.01
2002.02.28
2004.05.31
First Release.
Items 1 to 7 were updated:
(Based on Test Specification:
VL-TS-MGLS128128-XX,REV.F, 2003.01.13).
1.)(Whole document)The numbers of points were updated.
2.)(Page 4, point 1)“8 K byte display RAM” was added and
“1/12bias” was changed to”1/12.4 bias”.
3.)(Page 4, table 1)For outline dimensions, depth (D) was
changed from 16.5mm to 14.5mm. “(Note 1)” was
deleted.
4.)(Page 5, Fig. 1(A))Drawing was updated from Rev. 0 to
Rev. 2.
5.)(Page 6, Fig. 1(B))Backlight Drawing was changed from
LBL-128128-5W1 (Rev. 0) to LBL-128128-01A(Rev. 3).
6.)(Page 8, table 2)Supply voltage (Logic), Supply voltage
(LCD drive), and Input voltage were updated.
7.)(Page 9, table 5)Supply voltage(LCD), Supply current
(Logic & LCD), Supply current(LCD), and Supply
voltage of white LED05 backlight were updated.
Items 1 to 8 were updated:
(Based on
a.) Test Specification:VL-TS-MGLS128128-XX, REV. O,
2004.05.19.
b.) VL-QUA-012B, REV. W, 2004.03.20.
(According to VL-QUA-012B, LCD size is small because
Unit Per Laminate=8 which is more than 6pcs/Laminate.)
1.) (Page 3, CONTENTS)
“LCD COSMETIC CONDITIONS” was added.
2.) (Page 4, point 1)
“FPC” were added.
3.)(Page 4, table 1)
The depth of outline dimension was changed from
“14.5(D) to 14.5MAX.(D).
4.)(Page 4 & 5)
Fig. 1(A) was changed to Fig. 1 and Fig. 1(B) was
deleted.
5.) (Page 5, Fig. 1(A))
Drawing was updated.
6.) (Page 8, table 5)
Supply current(LCD), and Supply voltage of white
LED05 backlight were updated.
7.) (Page 11, point 5)
“LCD Cosmetic Conditions” was added.
8.)APPENDIX-LED specifications was deleted.
PHILIP
CHENG
CHEN HUI
JUAN
YU HAO
SUNNY
LEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11