| Moteur de recherche de fiches techniques de composants électroniques |
|
BLV21 Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BLV21 Fiches technique(HTML) 7 Page - NXP Semiconductors |
|
7 / 11 page ![]() August 1986 7 Philips Semiconductors Product specification VHF power transistor BLV21 The circuit and the components are situated on one side of the epoxy fibre-glass board, the other side being fully metallized to serve as earth. Earth connections are made by means of hollow rivets, whilst under the emitter leads Cu straps are used for a direct contact between upper and lower sheets. Fig.8 Component layout and printed-circuit board for 175 MHz test circuit. handbook, full pagewidth MGP254 150 72 C1 C2 L1 L2 L3 L4 L5 L7 C4 C5 R1 +VCC C6 L6 C7 C3 rivet |