Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0102 Fiches technique(PDF) 13 Page - Nexperia B.V. All rights reserved

No de pièce LSF0102
Description  2-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0102 Fiches technique(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button LSF0102 Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0102 Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0102 Datasheet HTML 9Page - Nexperia B.V. All rights reserved LSF0102 Datasheet HTML 10Page - Nexperia B.V. All rights reserved LSF0102 Datasheet HTML 11Page - Nexperia B.V. All rights reserved LSF0102 Datasheet HTML 12Page - Nexperia B.V. All rights reserved LSF0102 Datasheet HTML 13Page - Nexperia B.V. All rights reserved LSF0102 Datasheet HTML 14Page - Nexperia B.V. All rights reserved LSF0102 Datasheet HTML 15Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Nexperia
LSF0102
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
14. Abbreviations
Table 10. Abbreviations
Acronym
Description
CDM
Charged Device Model
ESD
ElectroStatic Discharge
HBM
Human Body Model
TTL
Transistor-Transistor Logic
15. Revision history
Table 11. Revision history
Document ID
Release date Data sheet status
Change notice Supersedes
LSF0102 v.3
20200904
Product data sheet
-
LSF0102 v.2
Modifications:
• Type number LSF0102DC (SOT765-1/VSSOP8) added.
LSF0102 v.2
20200818
Product data sheet
-
LSF0102 v.1
Modifications:
• LSF0102GS (SOT1203/XSON8) and LSF0102GX (SOT1233-2/X2SON8) are in
production. Removed note from ordering information .
• Type number LSF0102DC (SOT765-1/VSSOP8) is in development and removed from
this product data sheet. A preliminary data sheet is available upon request.
LSF0102 v.1
20200414
Product data sheet
-
-
LSF0102
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 3 — 4 September 2020
13 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15