| Moteur de recherche de fiches techniques de composants électroniques |
|
FSFLK-DS Fiches technique(PDF) 22 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
FSFLK-DS Fiches technique(HTML) 22 Page - Freescale Semiconductor, Inc |
|
22 / 37 page ![]() Mechanical and Electrical Specifications 22 Freescale Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015 Freescale Semiconductor, Inc. Figure 13. Simulated Standard Deviation and Variance as f(constellation size) 4.7.3 Magnetic Calibration Performance Metrics Table 13 provides some basic guidance with regard to performance of the magnetic calibration library in a stand-alone configuration. Table 13. Magnetic Calibration Performance Metrics Characteristic Symbol Conditions Min Typ Max Unit Compass heading linearity; see Compass Heading Linearity and Accuracy TBD — — < 5 — degrees Compass heading accuracy; see Compass Heading Linearity and Accuracy TBD — < 5 — degrees NOTE: The results shown in this table are more conservative than simulated numbers, and are more likely to be representative of actual results. 4.8 Fusion Model Performance Metrics 4.8.1 Background The six and nine-axis Kalman filters are optimized for calculation of device orientation. Unmodelled sources of error will affect the other sensor outputs. Tradeoffs are a function of the Kalman filter configuration and are subject to change. Separate tables are presented for each of the sensor combination options provided by the Fusion Library. Common test conditions and setups are used for all options. |