Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DML1010FDK Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce DML1010FDK
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML1010FDK Fiches technique(HTML) 2 Page - Diodes Incorporated

  DML1010FDK Datasheet HTML 1Page - Diodes Incorporated DML1010FDK Datasheet HTML 2Page - Diodes Incorporated DML1010FDK Datasheet HTML 3Page - Diodes Incorporated DML1010FDK Datasheet HTML 4Page - Diodes Incorporated DML1010FDK Datasheet HTML 5Page - Diodes Incorporated DML1010FDK Datasheet HTML 6Page - Diodes Incorporated DML1010FDK Datasheet HTML 7Page - Diodes Incorporated DML1010FDK Datasheet HTML 8Page - Diodes Incorporated DML1010FDK Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DML1010FDK
Document number: DS40878 Rev. 3 - 2
2 of 11
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DML1010FDK
Typical Application Circuit
DML1010
IN
IN
VBIAS
ON
OUT
GND
OUT
OUT
VVBIAS
VIN
VOUT
COUT
CIN
CVBIAS
OFF
ON
Pin Description
Pin Number
Pin Name
Pin Function
1, 2, EPAD
IN
Load Switch Input. Bypass capacitor is recommended to minimize input voltage dip.
3
VBIAS
Bias Voltage. Power supply input for the device.
4
ON
Enable Input. Load switch is on when ON is pulled high. Load switch is off when ON is pulled low. Do
not leave floating.
5
GND
Ground.
6, 7, 8
OUT
Load Switch Output.
Function Block Diagram
DML1010FDK



Html Pages

1 2 3 4 5 6 7 8 9 10 11