| Moteur de recherche de fiches techniques de composants électroniques |
|
HS9-139RH/PROTO Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HS9-139RH/PROTO Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 6 page ![]() HS-139RH, HS-139EH FN3573 Rev 6.00 Page 2 of 6 August 8, 2013 Ordering Information ORDERING SMD NUMBER (Note 1) PART NUMBER (Note 2) PART MARKING TEMP. RANGE (°C) PACKAGE (RoHS Compliant) PKG. DWG. # 5962F9861303VCC HS1-139EH-Q Q 5962F98 61303VCC -55 to +125 14 Ld SBDIP D14.3 5962F9861301VCC HS1-139RH-Q Q 5962F98 61301VCC -55 to +125 14 Ld SBDIP D14.3 5962F9861301QCC HS1-139RH-8 Q 5962F98 61301QCC -55 to +125 14 Ld SBDIP D14.3 HS1-139RH/PROTO HS1-139RH/PROTO HS1-139RH/PROTO -55 to +125 14 Ld SBDIP D14.3 5962F9861301VXC HS9-139RH-Q Q 5962F98 61301VXC -55 to +125 14 Ld FLATPACK K14.A 5962F9861301QXC HS9-139RH-8 Q 5962F98 61301QXC -55 to +125 14 Ld FLATPACK K14.A 5962F9861303VXC HS9-139EH-Q Q 5962F98 61303VXC -55 to +125 14 Ld FLATPACK K14.A HS9-139RH/PROTO HS9-139RH/PROTO HS9-139RH /PROTO -55 to +125 14 Ld FLATPACK K14.A 5962F9861303V9A HS0-139EH-Q -55 to +125 Die 5962F9861301V9A HS0-139RH-Q -55 to +125 Die HS0-139RH/SAMPLE HS0-139RH/SAMPLE -55 to +125 Die NOTES: 1. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed in the “Ordering Information” table on page 2 must be used when ordering. 2. These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. |