Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCC0LM2 Fiches technique(PDF) 2 Page - Balluff Korea Ltd.

No de pièce BCC0LM2
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0LM2 Fiches technique(HTML) 2 Page - Balluff Korea Ltd.

  BCC0LM2 Datasheet HTML 1Page - Balluff Korea Ltd. BCC0LM2 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double-Ended Cordsets
BCC M418-E818-8X0-723-PS58N9-400
Order Code: BCC0LM2
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 277341
ETIM 6.0: EC001855
BCC0LM2_0.46_2022-08-01
2 / 2
Remarks
Flame resistance acc. to IEC 60332-1
Halogen-free per IEC 60754
Enclosure rating per IEC 60529 or ISO 20653, only in screwed state with the associated mating piece.
Connector Drawings
II
PIN 1: white
PIN 2: orange
PIN 3: white
PIN 4: blue
PIN 5: white
PIN 6: green
PIN 7: white
PIN 8: brown
I
PIN 1: white
PIN 2: orange
PIN 3: white
PIN 4: green
PIN 5: white
PIN 6: brown
PIN 7: white
PIN 8: blue
Wiring Diagrams
1) Shield on cover nut
2) Shield on housing



Html Pages

1 2