Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA5079 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce SLA5079
Description  P-channel 3-phase motor drive
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SLA5079 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  SLA5079 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
99
ID-VDS Characteristics (Typical)
ID-VGS Characteristics (Typical)
RDS(ON)-ID Characteristics (Typical)
Re(yfs)-ID Characteristics (Typical)
RDS(ON)-TC Characteristics (Typical)
Capacitance-VDS Characteristics (Typical)
IDR-VSD Characteristics (Typical)
Safe Operating Area (SOA)
PT-Ta Characteristics
Characteristic curves
SLA5079
(Ta=25
°C)
Symbol
Ratings
Unit
VDSS
–60
V
VGSS
±20
V
ID
–10
A
ID(pulse)
–15 (PW
≤1ms, duty≤25%)A
4.5 (Ta=25
°C, with all circuits operating, without heatsink)
W
30 (Tc=25
°C,with all circuits operating, with infinite heatsink)
θ j-a
27.8 (Junction-Air, Ta=25
°C, with all circuits operating)
°C/W
θ j-c
4.17 (Junction-Case, Tc=25
°C, with all circuits operating)
°C/W
VISO
1000 (Between fin and lead pin, AC)
Vrms
Tch
150
°C
Tstg
–40 to +150
°C
PT
P-channel
3-phase motor drive
External dimensions
A • • • SLA (12-pin)
sEquivalent circuit diagram
Absolute maximum ratings
Electrical characteristics
(Ta=25
°C)
Symbol
Unit
Conditions
V(BR)DSS
–60
V
ID=–100
µA, VGS=0V
IGSS
±10
nA
VGS=
±20V
IDSS
–100
µAVDS=–60V, VGS=0V
VTH
–1.0
–2.0
V
VDS=–10V, ID=–250
µA
Re(yfs)
8.7
S
VDS=–10V, ID=–5A
RDS(ON)
0.14
VGS=–10V, ID=–5A
Ciss
1200
pF
VDS=–10V,
Coss
440
pF
f=1.0MHz,
Crss
120
pF
VGS=0V
td(on)
50
ns
ID=–5A, VDD –20V,
tr
170
ns
RL=4
Ω, VGS=–5V,
td(off)
180
ns
RG=50
Ω,
tf
100
ns
see Fig. 4 on page 16.
VSD
–1.25
V
ISD=–10A, VGS=0V
trr
100
ns
ISD=–5A, di/dt=100A/
µs
Specification
min
typ
max
2
1
3
6
5
7
11
12
10
0
–2
–4
–6
–8
0
–2
–4
–6
–8
–10
–12
–14
–15
–10
VDS (V)
(Ta=25
°C)
VGS=–2.7V
–3.0V
–3.3V
–3.5V
–4.0V
0
–1
–2
–3
–4
0
–4
–2
–6
–10
–8
–12
–14
–15
–5
VGS (V)
25
°C
(VDS=–10V)
0
0.08
0.04
0.12
0.16
0.20
ID (A)
–15
–2
0
–4
–6
–8
–10
–12
–14
Ta=25
°C
VGS=–10V
0.0
–0.5
–1.0
–1.5
0
–2
–4
–6
–8
–10
–12
–14
–15
VSD (V)
(Ta=25
°C)
–40
0
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
TC (
°C)
100
50
150
ID=–5A
VGS=–10V
–1
–10
–0.1
–0.1
–1
–10
–20
ID (A)
–20
Tc=
–40
°C
25
°C
125
°C
(VDS=–10V)
–0
–10
–20
–30
–40
–50
10
100
1000
3000
VDS (V)
VGS=0V
f=1MHz
(Ta=25
°C)
Ciss
Coss
Crss
–0.1
–1
–10
–100
–0.1
–1
–20
–10
VDS (V)
100
µs
(TC=25
°C, SINGLE PULSE)
25
30
35
40
20
15
10
5
0
0
50
100
150
Ta (
°C)
With
Infinite
Heatsink
Without Heatsink
All Circuits Operating


Numéro de pièce similaire - SLA5079

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SLA5070 SANKEN-SLA5070 Datasheet
29Kb / 2P
N-channel General purpose
SLA5073 SANKEN-SLA5073 Datasheet
34Kb / 1P
N-channel 5-phase motor drive
SLA5073 SANKEN-SLA5073 Datasheet
35Kb / 1P
N-channel 5-phase motor drive
SLA5074 SANKEN-SLA5074 Datasheet
33Kb / 1P
N-channel 5-phase motor drive
SLA5074 SANKEN-SLA5074 Datasheet
34Kb / 1P
N-channel 5-phase motor drive
More results

Description similaire - SLA5079

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SLA5009 SANKEN-SLA5009 Datasheet
31Kb / 2P
N-channel P-channel 3-phase motor drive
SLA5017 SANKEN-SLA5017 Datasheet
31Kb / 2P
N-channel P-channel 3-phase motor drive
SMA5127 SANKEN-SMA5127 Datasheet
30Kb / 2P
N-channel P-channel 3-phase motor drive
logo
List of Unclassifed Man...
SLA5061 ETC1-SLA5061 Datasheet
48Kb / 2P
N-channelP-channel 3-phase motor drive
logo
Sanken electric
SLA5059 SANKEN-SLA5059_06 Datasheet
48Kb / 2P
N-channel P-channel 3-phase motor drive
SLA5064 SANKEN-SLA5064 Datasheet
52Kb / 2P
N-channelP-channel 3-phase motor drive
SMA5127 SANKEN-SMA5127_01 Datasheet
45Kb / 2P
N-channel P-channel 3-phase motor drive
SLA5059 SANKEN-SLA5059 Datasheet
48Kb / 2P
N-channel P-channel 3-phase motor drive
SLA5060 SANKEN-SLA5060 Datasheet
48Kb / 2P
N-channel P-channel 3-phase motor drive
SLA5064 SANKEN-SLA5064 Datasheet
52Kb / 2P
N-channelP-channel 3-phase motor drive
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com