Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BGF200 Fiches technique(PDF) 6 Page - Infineon Technologies AG

No de pièce BGF200
Description  Microphone Filter and ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGF200 Fiches technique(HTML) 6 Page - Infineon Technologies AG

  BGF200 Datasheet HTML 1Page - Infineon Technologies AG BGF200 Datasheet HTML 2Page - Infineon Technologies AG BGF200 Datasheet HTML 3Page - Infineon Technologies AG BGF200 Datasheet HTML 4Page - Infineon Technologies AG BGF200 Datasheet HTML 5Page - Infineon Technologies AG BGF200 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Transmission Gain|S
21
|
2 = f(f)
10
2
10
4
10
6
10
8
10
10
−100
−90
−80
−70
−60
−50
−40
−30
−20
Frequency [Hz]
|S
C3C1
|
2
|S
C3B1
|
2
Data Sheet
6
V2.1, 2006-10-17
BGF200
Microphone Filter and ESD Protection
Figure 3
Transmission C3 - B1, C3 - C1
C orner Index Area2)
B3
A3
C3
C2
B2
A2
B1
C1
A
0.5
2 x 0.5 1
=
±0.05
1.6
B
M
ø0.05
B
8x
A
±0.05
0.3
1)
0.5
±0.05
0.25
STAN D OFF
±0.05
0.65
0.1 C
0.08 C
8x
C OPLAN AR ITY
C
3)
1) D imension is measured at the maximum ball diameter, parallel to primary datum C
3) Primary datum C and seating plane are defined by the domed crowns of the balls
2) Identified by marking
Figure 4
Package Outline WLP-8-4
±0.1
1.75
±0.1
CWLG9627
4
±0.15
1.15
0.25 ±0.1
Corner
Index Area
1)
1) Balls face down
Figure 5
Tape for WLP-8-4



Html Pages

1 2 3 4 5 6